Part Number Hot Search : 
PD121XL4 TS2940 M29LV0 ICS92 LM2901N TMG1C80A SAA7146A 0K1616X
Product Description
Full Text Search
 

To Download ALS-PT204-6C-L177 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3mm DIP Ambient Light Sensor
Features
Close responsively to the human eye spectrum Light to Current, analog output Good output linearity across wide illumination range Low sensitivity variation across various light sources Operating temperature performance, -40oC to 85oC Wide supply voltage range, 2.5V to 5.5V Size : 3mm Lamp RoHS compliant and Pb Free package
ALS-PT204-6C/L177
Detection of ambient light to control display backlighting
Mobile devices - mobile phones, PDAs Computing device - TFT LCD monitor for Notebook computer Consumer device - TFT LCD TV, video camera, digital camera, toys Automatic residential and commercial management Automatic contrast enhancement for electronic signboard Ambient light monitoring device for daylight and artificial light - Street light, CCD/CCTV

Description
The ALS-PT204-6C/L177 is consisting of a phototransistor in 3mm lamp. EVERLIGHT ALS series products are good effective solution to the power saving of display backlighting of mobile appliances, such as the mobile phones, NB and PDAs. Due to the high rejection ratio of infrared radiation, the spectral response of the ambient light sensor is close to human eyes.
Applications
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
1
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
Package Dimensions
ALS-PT204-6C/L177
Notes: 1.All dimensions are in millimeters 2. Tolerances unless dimensions 0.1mm
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
2
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
ALS-PT204-6C/L177
Absolute Maximum Ratings (Ta=25) Parameter Supply Voltage
[Note1]
Symbol Vcc Topr Tstg Tsol
Rating -0.5~6.0 -40 ~ +85 -40 ~ +100 260 10
Unit V C C C
Operating Temperature Range Storage Temperature Range Soldering Temperature Range [Note1]
Note1: For detail reflow time and the recommended temperature profile, please refer to page 8.
Recommended Operating Conditions (Ta=25) Parameter Operating Temperature Supply Voltage Symbol Topr Vcc Min. -40 2.5 Max. +85 5.5 Unit C V
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
3
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
ALS-PT204-6C/L177
Electrical and Optical Characteristics (Ta=25) Parameter Dark Current Collector-Emitter Saturation Voltage Light Current Symbol ICEO VCE(sat) IPH1 IPH2 IPH3 Photocurrent Ratio Saturation Output Voltage Peak Sensitivity Wavelength Sensitivity Wavelength Range Rise time Fall time Angle of half Sensitivity tr tf 21/2 ------0.11 0.22 64 ------ms ms VCC = 5 V RL = 7.5K 390 --700 nm IPH3 / IPH2 Vo p MIN. ----100 1000 1800 --4.5 --TYP. ----200 2000 0 3600 1.8 4.6 630 MA X. 0.1 0.4 ------------Unit uA V uA uA uA --V nm Test Condition VCE=10V, Ev= 0Lux IC=2mA, Ev= 1000Lux VCE=5V, Ev= 100Lx
[Note1] [Note1]
VCE=5V, Ev= 1000Lx VCE=5V, Ev= 1000Lx VCE=5V, Ev= 1000Lx
[Note2]
[Note2]
Vcc=5V, Ev= 1000Lx RL=75K
Deg.
IF = 20 mA
Note:
1. White Fluorescent light (Color Temperature = 6500K) is used as light source. However, White LED is substituted in mass production. 2. Illuminance by CIE standard illuminant-A / 2856K, incandescent lamp.
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
4
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
ALS-PT204-6C/L177
Typical Electrical and Optical Characteristics Curves
Fig.1
100000 10000 1000 100 10 1 0.1 0.01 0.1
Light Current vs. Illuminance
Fig.2
10
Output Voltage vs. Illuminance
V CE= 5V
1
Ouput Voltage Vo (V)
Light current (uA)
0.1
0.01
1E-3
Ta=25 C ; Vcc=5V Fluorescent light RL=1K Fluorescent light RL=7.5K Fluorescent light RL=75K 1 10 100 1000 10000
o
1
10
100
1000
10000
1E-4
Illuminance (Lux)
Illuminance Ev (Lux)
Fig.3
Spectral Response
Fig.4
Light current vs. Supply Voltage
10000
VCE = 5V EV = 100 Lux
1000
Light current (uA)
100
10
1
1
2
3
4
5
6
7
Supply voltage (V)
Fig.5
10000
Light Current vs. Temperature
Fig.6
100000
Dark Current vs. Temperature
1000
V CE = 5V E V= 100 Lux
10000 1000
VCE = 7V EV = 0 Lux
Light current (uA)
Dark current (nA)
100 10 1 0.1
100
10
1 -60
-40
-20
0
20
40
60
80
100
0.01 -60
-40
-20
0
20
40
60
80
100
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
5
http:\\www.everlight.com Dec. 31, 2007


Temperature (
)
Temperature (
)
3mm DIP Ambient Light Sensor
Converting Photocurrent to Voltage
ALS-PT204-6C/L177
Vcc
Light Source
Iph
Vout
RL CL
GND
Note:
1. The output voltage (Vout) is the product of photocurrent (IPH) and loading resistor (RL) 2. A right loading resistor shall be chosen to meet the requirement of maximum ambient light, and output saturation voltage:
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
Vout(max.) = Iout(max.) x RL
Vout(saturation)Vcc0.4V
6
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
Recommended method of storage
Reflow Terms: JEDEC Level 4 Specification
ALS-PT204-6C/L177
Dry box storage is recommended as soon as the aluminum bag has been opened prevent 1. Over-current-proof Customer must apply resistors for protection, otherwise slight voltage shift might cause big current happen. (Burned-out might happen). 2. Storage (1) Do not open moisture proof bag before components are ready to use. (2) Before opening moisture proof bag, components should be kept at 30 or less and 90%RH or less. (3) Components should be used within a year. (4) After opened moisture proof bag, components should be kept at 30 or less and 70%RH or less. (5) Components should be used within 168 hours after opened moisture proof bag. (6) If the moisture absorbent material (silica gel) has faded away or the components have exceeded the storage time, baking treatment should be performed using the following conditions. (Baking treatment: 605 for 24 hours)
ESD Precaution:
Proper storage and handing procedures should be followed to prevent ESD damage to the devices especially when they are removed from the Anti-static bag. Electro-Static Sensitive Devices warning labels are on the packing.
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
7
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
Recommended Solder Profile
ALS-PT204-6C/L177
Notice:
(1) Reflow soldering should not be done more than two times. (2) When soldering, do not put stress on the devices during heating. (3) After soldering, do not warp the circuit board.
Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder.
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
8
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor
Packing Quantity Specification 1.500PCS/1Bag5Bags/1Box 2.10Boxes/1Carton
ALS-PT204-6C/L177
Label Format
xxxxxx xxxxxx
RoHS
xxxxxxxxxxxx xxxx xxxxxxxx
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
9
http:\\www.everlight.com Dec. 31, 2007
3mm DIP Ambient Light Sensor Notes
ALS-PT204-6C/L177
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
Everlight Electronics Co., Ltd. Document No: DAS-020-005 Rev1.1
10
http:\\www.everlight.com Dec. 31, 2007


▲Up To Search▲   

 
Price & Availability of ALS-PT204-6C-L177

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X